Part Number Hot Search : 
LOGIC 244APA TA170 223254 D1300 MB15E03 SF18S 382008
Product Description
Full Text Search
 

To Download 5031491200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5031491200 Active
clikmate_wiretoboard_connectors 1.50mm (.059") Pitch CLIK-MateTM Wire-to-Board Housing, Dual Row, Positive Lock, 12 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-503148-001 (PDF)
Product Specification PS-503154-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Overview Product Name Crimp Housings 503149 clikmate_wiretoboard_connectors CLIK-MateTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 12 Beige Plug No Yes Yes 2 Bag No 0.059 In 1.50 mm Yes No -25C to +85C
Electrical
Current - Maximum per Contact 2A
Search Parts in this Series 503149Series Mates With 503154 PCB Receptacle
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification AS-503149-001 SPK-503149-001 PS-503148-001, PS-503154-001, RPS-503148-001, RPS-503154-001, RPS-503154-002, RPS-503154-003, RPS-503154-004, RPS-503154-005, RPS-503154-006, RPS-503154-007 SD-503149-001
Use With 502579 Crimp Terminal
Sales Drawing
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5031491200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X